Electronic Components Datasheet Search
  English  ▼

X  

C4550 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C4550
Description  OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4550 Datasheet(HTML) 3 Page - Vectron International, Inc

  C4550 Datasheet HTML 1Page - Vectron International, Inc C4550 Datasheet HTML 2Page - Vectron International, Inc C4550 Datasheet HTML 3Page - Vectron International, Inc C4550 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
"
!
"
# $$$ " $
%
# $$$ " & $" $
'
( %% )%!
%
*
%
+ ) !
,-
.)-
#
$ "
%
#
$
&
'
%!
/
&
01 !2 0
3 !
+
# &
$ $
%
# &
$ $
$
'
!
"
#!!
. % "
& " % 4
! 5 *
6
! $$
7
% !+ 8
!
)
,
7
#$
$& &
%
#$
$& &
'
4
$%&
$%& 5
$%&
, 01
7
O
7
% P Q
,
% P Q
7
% P Q
,
% P Q
7
% P Q
,
% P Q
-
"
8
-
7
-
-
"
"
8
-
7
"
-
-"
"
8"
"
-
7"
-
! " #
/
O
! " #
/
O A
$
%
! " #
/
O
, 7
0%
, 7
0%
, 7
0%
4 K % %
4 K % %
4 K % %
3!
>7
?
B7R
B7R
" @ 0%!
0 4! G
0+ 7 %! A
% >@47?
3!
>7
?
3!
>7
?
! 0 D %
K % %
B7R
B7R
)
+ D %
A
% >D ?
@ 0%!
0 4! G
0+ 7 %! A
% >@47?
@ 0%!
0 4! G
0+ 7 %! A
% >@47?
"
! 0 D %
K % % >D! ?
"
! 0 D %
K % % >D! ?
B7R
B7R
B7R
B7R
& )
+ D %
A
% >D ?
& )
+ D %
A
% >D ?
"
"6 && * ( 6
>4 ! )*/ 6+
8
7 , 01
?
-
S
,
8
T
,!
0%
%
! 0 0
+
/A A@7 $ "
4
$%&
$ &
6
7 ,
.
8
%
&
8
%
&
9
6+
8
"" "
"
6+
7
"" "
"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com