Electronic Components Datasheet Search
  English  ▼

X  

ATR4285 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR4285
Description  Reference Oscillator up to 15 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4285 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR4285 Datasheet HTML 1Page - ATMEL Corporation ATR4285 Datasheet HTML 2Page - ATMEL Corporation ATR4285 Datasheet HTML 3Page - ATMEL Corporation ATR4285 Datasheet HTML 4Page - ATMEL Corporation ATR4285 Datasheet HTML 5Page - ATMEL Corporation ATR4285 Datasheet HTML 6Page - ATMEL Corporation ATR4285 Datasheet HTML 7Page - ATMEL Corporation ATR4285 Datasheet HTML 8Page - ATMEL Corporation ATR4285 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
4884A–AUDR–08/05
ATR4285
2.
Pin Configuration
Figure 2-1.
Pinning SSO20
1
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
ATR4285
SCL
SDA
AS
SWO1
SWO2
SWO3
SWO4
GND1
OSCOUT
OSCIN
C
VA
PDAMO
PDAM
PDFM
VDD
9
11
12
FMOSC
GND2
PDFMO
AMOSC
10
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VDD
Supply voltage
2
SCL
Bus clock
3SDA
Bus data
4
AS
Address selection
5
SWO1
Switching output 1
6
SWO2
Switching output 2
7
SWO3
Switching output 3
8
SWO4
Switching output 4
9
FMOSC
FM oscillator input
10
GND2
Ground 2 (analog)
11
AMOSC
AM oscillator input
12
PDFMO
FM analog output
13
PDFM
FM current output
14
PDAM
AM current output
15
PDAMO
AM analog output
16
VA
Analog supply voltage
17
C
Capacitor
18
OSCIN
Oscillator input
19
OSCOUT
Oscillator output
20
GND1
Ground 1 (digital)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com