Electronic Components Datasheet Search
  English  ▼

X  

ATR4285 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR4285
Description  Reference Oscillator up to 15 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4285 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR4285 Datasheet HTML 1Page - ATMEL Corporation ATR4285 Datasheet HTML 2Page - ATMEL Corporation ATR4285 Datasheet HTML 3Page - ATMEL Corporation ATR4285 Datasheet HTML 4Page - ATMEL Corporation ATR4285 Datasheet HTML 5Page - ATMEL Corporation ATR4285 Datasheet HTML 6Page - ATMEL Corporation ATR4285 Datasheet HTML 7Page - ATMEL Corporation ATR4285 Datasheet HTML 8Page - ATMEL Corporation ATR4285 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
4884A–AUDR–08/05
ATR4285
3.
Functional Description
The ATR4285 is controlled via the 2-wire bus. One module-address byte, two subaddress bytes,
and five data bytes enable programming.
The module address contains a programmable address bit A1, which (along with address select
input AS, pin 4) enables the operation of two ATR4285 devices in one system. If bit A1 is identi-
cal with the status of the address select input AS, the chip is selected.
The subaddress determines which of the data bytes is transmitted first. If the subaddress of the
R-divider is transmitted, the sequence of the next data bytes is DB 0 (status), DB 1 and DB 2. If
the subaddress of the N-divider is transmitted, the sequence of the next data bytes is DB 3 and
DB 4. The bit organization of the module address, subaddress and data bytes is shown in Table
“Bit Organization” on page 9.
Each transmission on the bus begins with the "START" condition and must be ended by the
"STOP" condition (see Table “Transmission Protocol” on page 9).
The integrated circuit ATR4285 has two separate inputs for the AM and FM oscillators. Pre-
amplified AM and FM signals are fed to the 16-bit N-divider via the AM/FM switch. The AM/FM
switch is software controlled. Tuning steps can be selected by the 16-bit R-divider.
Furthermore, the device provides a digital memory phase detector and two separate current
sources for AM and FM amplifiers (charge pump) as given in the Table “Electrical Characteris-
tics” on page 5. The separate current sources (charge pumps) allow independent gain
adjustment, providing high current for high-speed tuning and low current for stable tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com