Electronic Components Datasheet Search
  English  ▼

X  

EVB-USB4715 Datasheet(PDF) 11 Page - Microchip Technology

Part # EVB-USB4715
Description  EVB-USB4715 Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB4715 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EVB-USB4715 Datasheet HTML 7Page - Microchip Technology EVB-USB4715 Datasheet HTML 8Page - Microchip Technology EVB-USB4715 Datasheet HTML 9Page - Microchip Technology EVB-USB4715 Datasheet HTML 10Page - Microchip Technology EVB-USB4715 Datasheet HTML 11Page - Microchip Technology EVB-USB4715 Datasheet HTML 12Page - Microchip Technology EVB-USB4715 Datasheet HTML 13Page - Microchip Technology EVB-USB4715 Datasheet HTML 14Page - Microchip Technology EVB-USB4715 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
EVB-USB4715
EVALUATION KIT
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002679A-page 11
Chapter 1. Overview
1.1
EVB-USB4715 OVERVIEW
The EVB-USB4715 is a demonstration and evaluation platform that provides the nec-
essary requirements and interface options for evaluating the USB4715, a 4-Port HS
USB Smart Hub on a 4-layer RoHS-compliant Printed Circuit Board (PCB). This will
allow the user to gain an understanding of the product and accelerate the integration
of the USB4715 into the user’s design. The USB4715 is compliant with USB 2.0
High-Speed (HS), Full-Speed (FS), and Low-Speed (LS) USB signaling. The evaluation
platform supports four downstream ports; two USB 2.0 ports with Type-C™ connectors
and two standard Type-A USB 2.0 ports. The EVB-USB4715 platform also supports
battery charging on all four ports (maximum of 10A* at any one time). The
EVB-USB4715 is configured for operation through internal default settings and sup-
ports custom configurations through SMBus or through the external 16-Mbit SPI Flash
device. The EVB-USB4715 supports FlexConnect role reversal for any of the four
downstream ports with the upstream port. The EVB-USB4715 demonstrates driver
compatibility with Microsoft® Windows® 10, Windows 8.x, Windows 7, Windows XP,
Mac OS® X 10.4+, and Linux® hub drivers.
See Section 1.2 “Features” for more information.
1.2
FEATURES
• Microchip’s PortSwap, PHYBoostTM, and VariSenseTM technologies.
• USB4715 in a 48-pin QFN RoHS compliant package.
• USB 2.0 compliant (HS, FS, and LS operation).
• USB pins are 5 V tolerant.
• Self powered operation.
• USB USB 2.0 micro-AB upstream port.
• Four Downstream USB ports:
- Two Type-C USB 2.0 downstream ports.
- Two Type-A USB 2.0-Only downstream ports.
• All downstream ports support individual port power and overcurrent sense.
• All downstream ports can be enabled for battery charging with the battery
charging select shunts J1 and J20 (BC1.2 or SE1, 2.1A max per port).
• Onboard SPI Flash for external downloadable firmware.
• Operates from a single voltage (+12.0 V, regulated) external power supply.
• Onboard 25 MHz crystal or external clock input.
• Single onboard +5.2 V, 10 Amp regulator.
• Single onboard +3.3 V, 0.5 Amp regulator.
• Port Power LED indicators.
• Port Connection indicators (in CONFIG3).
• SPI Flash activity blue LED indicator.
• Reset red LED indicator.
Note: *Requires a 12V, 85W supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com