Electronic Components Datasheet Search
  English  ▼

X  

EVB-USB4715 Datasheet(PDF) 14 Page - Microchip Technology

Part # EVB-USB4715
Description  EVB-USB4715 Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EVB-USB4715 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EVB-USB4715 Datasheet HTML 10Page - Microchip Technology EVB-USB4715 Datasheet HTML 11Page - Microchip Technology EVB-USB4715 Datasheet HTML 12Page - Microchip Technology EVB-USB4715 Datasheet HTML 13Page - Microchip Technology EVB-USB4715 Datasheet HTML 14Page - Microchip Technology EVB-USB4715 Datasheet HTML 15Page - Microchip Technology EVB-USB4715 Datasheet HTML 16Page - Microchip Technology EVB-USB4715 Datasheet HTML 17Page - Microchip Technology EVB-USB4715 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
EVB-USB4715
EVALUATION KIT
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002679A-page 14
Chapter 2. Getting Started
2.1
CONTENTS OF THE KIT
The EVB-USB4715 evaluation kit includes the basic equipment necessary for evalua-
tion. The items included in the kit are:
1. EVB-USB4715 Evaluation Board
2. 12V Power Supply
3. USB cable, A to micro-B
2.2
GETTING STARTED
The Microchip EVB-USB4715 is designed for flexible configuration solutions. It can be
configured via default internal register settings, downloadable external firmware to an
onboard SPI Flash, through SMBus, or through the onboard configuration switches.
Microchip provides a comprehensive software programming tool, MPLAB® Connect,
for configuring USB4715 functions, registers, and OTP memory. When configured with
the default internal register settings, the device operates as a USB 2.0 hub with 4 USB
ports and Microchip’s standard VID/PID/DID settings. For additional information on the
MPLAB Connect programming tool, refer to Software Libraries within Microchip
USB4715 product page at www.microchip.com/USB4715
2.2.1
Quick Start
To quickly start using the board, perform the following steps:
1. Connect the included 12V power supply to barrel connector on the
EVB-USB4715 (J11).
2. Using a USB Type-A plug to USB micro-B plug cable, connect the
EVB-USB4715 to a USB host via the upstream “Port 0” USB micro-B socket (J4).
3. You may now connect devices to any of the downstream ports to enumerate and
use those devices with the USB host.
4. Connect a shunt to jumper “VBUS_DET” (J4).
5. Slide the “ON/OFF” switch (SW2) to “ON”.
6. You can perform additional configuration or evaluate specific features by launch-
ing the MPLAB Connect software on your USB host or by manipulating the
included hardware configuration options detailed in the next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com