Electronic Components Datasheet Search
  English  ▼

X  

TSM60NB190CF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60NB190CF
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60NB190CF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM60NB190CF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM60NB190CF
Taiwan Semiconductor
3
Version: A1612
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VDS, Drain to Source Voltage (V)
VGS, Gate to Source Voltage (V)
Qg, Gate Charge (nC)
ID, Drain Current (A)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
2
4
6
8
10
0
7
14
21
28
35
V
DS=480V
I
D=3.7A
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125
150
V
GS=10V
I
D=3.7A
0
5
10
15
20
0
2
4
6
8
10
25℃
-55℃
150℃
0
4
8
12
16
20
0
2
4
6
8
10
V
GS=10V
V
GS=9V
V
GS=8V
V
GS=7V
V
GS=6V
V
GS=5V
0
0.05
0.1
0.15
0.2
0.25
0.3
0
4
8
12
16
20
V
GS=10V
0.1
0.15
0.2
0.25
0.3
4
5
6
7
8
9
10
I
D=3.7A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com