Electronic Components Datasheet Search
  English  ▼

X  

TSM60NB190CF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60NB190CF
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60NB190CF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM60NB190CF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60NB190CF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM60NB190CF
Taiwan Semiconductor
1
Version: A1612
N-Channel Power MOSFET
600V, 18A, 0.19
Ω
FEATURES
● Super-Junction technology
● High performance, small R
DS(ON)*Qg figure of merit (FOM)
● High ruggedness performance
● 100% UIS and R
g tested
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● Power Supply
● AC/DC LED Lighting
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
600
V
RDS(on) (max)
0.19
Ω
Qg
32
nC
ITO-220S
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
18
A
TC = 100°C
11
A
Pulsed Drain Current
(Note 2)
IDM
54
A
Total Power Dissipation @ TC = 25°C
PD
59.5
W
Single Pulse Avalanche Energy
(Note 3)
EAS
441
mJ
Single Pulse Avalanche Current
(Note 3)
IAS
4.2
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
2.1
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design.


Similar Part No. - TSM60NB190CF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
N-Channel Power MOSFET 600V, 18A, 0.19廓
TSM60NB190CM2 TSC-TSM60NB190CM2 Datasheet
664Kb / 6P
N-Channel Power MOSFET
TSM60NB190CZ TSC-TSM60NB190CZ Datasheet
830Kb / 8P
N-Channel Power MOSFET 600V, 18A, 0.19廓
More results

Similar Description - TSM60NB190CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com