Electronic Components Datasheet Search
  English  ▼

X  

CPM602 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # CPM602
Description  Piezoresistive Monolithic Ceramic Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPM602 Datasheet(HTML) 2 Page - All Sensors Corporation

  CPM602 Datasheet HTML 1Page - All Sensors Corporation CPM602 Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CPM-602
Ceramic Pressure Sensor
Specifications
DS-0348 Rev C
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Electrical connection
Standard
Pins, pitch 0.1 inch / 2.54mm
Miscellaneous
Media wetted parts
Ceramic Al2O3 96 %
Weight
approx. 5 g
Dimension
Ø = 18 ± 0.1 mm
d = 6.35 ± 0.1 mm
Mechanical
Ordering code
CPM602
-
Type of pressure
gauge
G
Pressure ranges
30 psi / 2 bar
0 3 0
75 psi / 5 bar
0 7 5
150 psi / 10 bar
1 5 0
300 psi / 20 bar
3 0 0
750 psi / 50 bar
7 5 0
1500 psi / 100 bar
1 K 5
3000 psi / 200 bar
3 K 0
6000 psi / 400 bar
6 K 0
Electrical connection
Solder pads tinned, pitch 0.1 inch / 2.54mm
4)
2 0 1
Pins, pitch 0.1 inch / 2.54mm
2 0 2
Others
– on request
9 9 9
Options
Standard
0 0 1
4) minimum order quantity required
1
2 3 4
1
+ IN
2
- OUT
3
GND
4
+ OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com