Electronic Components Datasheet Search
  English  ▼

X  

CPM602 Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CPM602
Description  Piezoresistive Monolithic Ceramic Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPM602 Datasheet(HTML) 1 Page - All Sensors Corporation

  CPM602 Datasheet HTML 1Page - All Sensors Corporation CPM602 Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS-0348 Rev C
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
CPM 602
Piezoresistive Monolithic
Ceramic Pressure Sensor
Excellent chemical resistance
Easy mounting
Pressure ranges
30 to 6000 psi gauge
Standard Pressure Ranges
PSI
1)
bar
Proof pressure
Admissible
negative pres-
sure
Burst pressure
Output signal
[PSI
1) / bar]
[PSI
1) / bar]
[PSI
1) / bar]
[mV/V]
30
2
60
4
vacuum
resistant
120
≥ 8
1.8 to 3.4
75
5
150
10
300
≥ 20
2.0 to 3.5
150
10
300
20
525
≥ 35
2.4 to 4.0
300
20
600
40
900
≥ 60
2.8 to 4.2
750
50
1500
100
2100
≥ 140
2.7 to 4.0
1500
3)
100
2250
150
4500
≥ 300
2.0 to 3.2
3000
3)
200
4500
300
6000
≥ 400
1.8 to 3.3
6000
3)
400
7500
500
9750
≥ 650
1.5 to 3.0
other on request
Reference Conditions
Supply voltage
2 to 30 VDC stabilized (Imax. = 4mA)
Bridge resistance
11
kΩ ± 30 %
Reference temperature
25 °C
Measuring supply voltage
10 VDC
Performance Characteristics
Offset
- 0.4 to 0.0 mV/V (Other nominal values available on request)
Total error
(non-linearity, hysteresis,
non-repeatability)
Pressure ranges:
≤ 750 psi: ≤ ± 0.4 % FS (terminal based)
Pressure ranges: > 750 psi:
≤ ± 0.8 % FS typ. (1.5 % FS max.) (terminal based)
Long term stability
≤ ± 0.3 % FS/ year (at reference conditions)
TC Offset (TC0)
≤ ± 0.02 % FS / °C
2)
TC Span (TCS)
≤ - 0.012 % FS / °C
2)
Environmental Specification
Temperature range
- 40 to 135 °C
Storage temperature range
- 50 to 150 °C
Compensated temperature
range
0 to 85 °C
1) PSI values around rounded and for reference only
2) Over compensated temperature range
3) Only sealed gauge available


Similar Part No. - CPM602

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPM60024S12 XPPOWER-CPM60024S12 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM60024S28 XPPOWER-CPM60024S28 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM60048S12 XPPOWER-CPM60048S12 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM60048S28 XPPOWER-CPM60048S28 Datasheet
171Kb / 4P
Component Power DC-DC Modules
More results

Similar Description - CPM602

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
logo
All Sensors Corporation
DS-0340 ASC-DS-0340 Datasheet
838Kb / 2P
Piezoresistive Monolithic Ceramic Pressure Sensor
Rev B
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
DS-0348 ASC-DS-0348 Datasheet
780Kb / 2P
Piezoresistive Monolithic Ceramic Pressure Sensor
Rev B
CPM502 ASC-CPM502 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com