Electronic Components Datasheet Search
  English  ▼

X  

XRT83L30 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 2 Page - Exar Corporation

  XRT83L30 Datasheet HTML 1Page - Exar Corporation XRT83L30 Datasheet HTML 2Page - Exar Corporation XRT83L30 Datasheet HTML 3Page - Exar Corporation XRT83L30 Datasheet HTML 4Page - Exar Corporation XRT83L30 Datasheet HTML 5Page - Exar Corporation XRT83L30 Datasheet HTML 6Page - Exar Corporation XRT83L30 Datasheet HTML 7Page - Exar Corporation XRT83L30 Datasheet HTML 8Page - Exar Corporation XRT83L30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
XRT83L30
áç
áç
áç
áç
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.3.0
PRELIMINARY
2
FEATURES
• Fully integrated single-channel long-haul and short-
haul transceiver for E1,T1 or J1 applications.
• Adaptive Receive Equalizer for cable attenuation of
up to 45dB for T1 and 43dB for E1.
• Programmable Transmit Pulse Shaper for E1,T1 or
J1 short-haul interfaces.
• Five fixed transmit pulse settings for T1 short-haul
applications plus a fully programmable waveform
generator for transmit output pulse shaping.
• Programmable Transmit Line Build-Outs (LBO) for
T1 long-haul application from 0dB to -22.5dB in
three 7.5dB steps.
• Tri-State transmit output and receive input capabil-
ity for redundancy applications
• Selectable receiver sensitivity from 0 to 36dB or 0
to 45dB cable loss for T1 @772kHz and 0 to 43dB
for E1 @1024kHz.
• High receiver interference immunity
• Receive monitor mode handles 0 to 29dB resistive
attenuation along with 0 to 6dB of cable attenuation
for both T1 and E1 modes.
• Supports 75
Ω and 120Ω (E1), 100Ω (T1) and 110Ω
(J1) applications.
• Internal and external impedance matching for
75
Ω,100Ω, 110Ω and 120Ω.
• Transmit return loss meets or exceeds ETSI 300
166 standard
• On-chip digital clock recovery circuit for high input
jitter tolerance
• Crystal-less digital jitter attenuator with 32-bit or 64-
bit FIFO Selectable either in transmit or receive
path
• On-chip frequency multiplier generates T1 or E1
Master clocks from variety of external clock sources
• On-chip transmit short-circuit protection and limit-
ing, and driver fail monitor output (DMO)
• Receive loss of signal (RLOS) output
• On-chip HDB3/B8ZS/AMI encoder/decoder
• QRSS pattern generation and detection for testing
and monitoring
• Error and Bipolar Violation Insertion and Detection
• Receiver Line Attenuation Indication Output in 1dB
steps
• Network Loop-Code Detection for automatic Loop-
Back Activation/Deactivation
• Transmit All Ones (TAOS) and In-Band Network
Loop Up and Down code generators
• Supports Analog, Remote, Digital and Dual Loop-
Back Modes
• Meets or exceeds T1 and E1 short-haul and long-
haul network access specifications in ITU G.703,
FIGURE 2. BLOCK DIAGRAM OF THE XRT83L30 T1/E1/J1 LIU (HARDWARE MODE)
HW/HOST
GAUGE
JASEL1
JASEL0
RXTSEL
TXTSEL
TERSEL1
TERSEL0
RXRES1
RXRES0
ICT
MCLKE1
MCLKT1
CLKSEL[2:0]
TXTEST[0:2]
INSBPV
TPOS / TDATA
TNEG / CODES
TCLK
QRPD
RCLK
RNEG / LCV
RPOS / RDATA
NLCD
RLOS
RTIP
RRING
MASTER CLOCK SYNTHESIZER
QRSS
PATTERN
GENERATOR
DMO
TTIP
TRING
TXON
HDB3/
B8ZS
ENCODER
TX/RX JITTER
ATTENUATOR
TIMING
CONTROL
TX FILTER
& PULSE
SHAPER
LINE
DRIVER
LOCAL
ANALOG
LOOPBACK
REMOTE
LOOPBACK
DIGITAL
LOOPBACK
HDB3/
B8ZS
DECODER
TX/RX JITTER
ATTENUATOR
TIMING &
DATA
RECOVERY
PEAK
DETECTOR
& SLICER
QRSS
DETECTOR
NETWORK
LOOP
DETECTOR
RX
EQUALIZER
EQUALIZER
CONTROL
AIS
DETECTOR
LOS
DETECTOR
LBO[3:0]
LOOPBACK
ENABLE
NLCD ENABLE
QRSS ENABLE
HARWARE CONTROL
TEST
JABW
TRATIO
SR/DR
EQC[4:0]
TCLKE
RCLKE
RXMUTE
ATAOS
DRIVE
MONITOR
DFM
MCLKOUT
LOOP1
LOOP0
AISD
RESET
TAOS
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com