Electronic Components Datasheet Search
  English  ▼

X  

XRT83L30 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 1 Page - Exar Corporation

  XRT83L30 Datasheet HTML 1Page - Exar Corporation XRT83L30 Datasheet HTML 2Page - Exar Corporation XRT83L30 Datasheet HTML 3Page - Exar Corporation XRT83L30 Datasheet HTML 4Page - Exar Corporation XRT83L30 Datasheet HTML 5Page - Exar Corporation XRT83L30 Datasheet HTML 6Page - Exar Corporation XRT83L30 Datasheet HTML 7Page - Exar Corporation XRT83L30 Datasheet HTML 8Page - Exar Corporation XRT83L30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT83L30
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
MAY 2003
REV. P1.3.0
GENERAL DESCRIPTION
The XRT83L30 is a fully integrated single-channel
long-haul and short-haul line interface unit for
T1(1.544Mbps) 100
Ω, E1(2.048Mbps) 75Ω or 120Ω
and J1 110
Ω applications.
In long-haul applications the XRT83L30 accepts sig-
nals that have passed through cables from 0 feet to
over 6000 feet in length and have been attenuated by
0 to 45dB at 772kHz in T1 mode or 0 to 43dB at
1024kHz in E1 mode. In T1 applications, the
XRT83L30 can generate five transmit pulse shapes to
meet the short-haul Digital Cross-Connect (DSX-1)
template requirements as well as for Channel Service
Units (CSU) Line Build Out (LBO) filters of 0dB,
-7.5dB, -15dB and -22.5dB as required by FCC rules.
It also provides programmable transmit pulse genera-
tor that can be used for arbitrary output pulse shaping
allowing performance improvement over a wide vari-
ety of conditions.
The XRT83L30 provides both Serial Host micropro-
cessor interface and Hardware Mode for program-
ming and control. Both B8ZS and HDB3 encoding
and decoding functions are included and can be dis-
abled as required. On-chip crystal-less jitter attenua-
tor with a 32 or 64 bit FIFO can be placed either in the
receive or the transmit path with loop bandwidths of
less than 3Hz. The XRT83L30 provides a variety of
loop-back and diagnostic features as well as transmit
driver short circuit detection and receive loss of signal
monitoring. It supports internal impedance matching
for 75
Ω, 100Ω, 110Ω and 120Ω for both transmitter
and receiver. For the receiver this is accomplished by
internal resistors or through the combination of one
single fixed value external resistor and programmable
internal resistors. In the absence of the power supply,
the transmit output and receive input are tri-stated al-
lowing for redundancy applications. The chip includes
an integrated programmable clock multiplier that can
synthesize T1 or E1 master clocks from a variety of
external clock sources.
APPLICATIONS
• T1 Digital Cross-Connects (DSX-1)
• ISDN Primary Rate Interface
• CSU/DSU E1/T1/J1 Interface
• T1/E1/J1 LAN/WAN Routers
• Public switching Systems and PBX Interfaces
• T1/E1/J1 Multiplexer and Channel Banks
FEATURES
(See Page 2)
FIGURE 1. BLOCK DIAGRAM OF THE XRT83L30 T1/E1/J1 LIU (HOST MODE)
HW/HOST
CS
INT
ICT
TXTEST[0:2]
INSBPV
TPOS / TDATA
TNEG / CODES
TCLK
QRPD
RCLK
RNEG / LCV
RPOS / RDATA
NLCD
RLOS
RTIP
RRING
MASTER CLOCK SYNTHESIZER
QRSS
PATTERN
GENERATOR
DMO
TTIP
TRING
TXON
HDB3/
B8ZS
ENCODER
TX/RX JITTER
ATTENUATOR
TIMING
CONTROL
TX FILTER
& PULSE
SHAPER
LINE
DRIVER
DRIVE
MONITOR
LOCAL
ANALOG
LOOPBACK
REMOTE
LOOPBACK
DIGITAL
LOOPBACK
HDB3/
B8ZS
DECODER
TX/RX JITTER
ATTENUATOR
TIMING &
DATA
RECOVERY
PEAK
DETECTOR
& SLICER
QRSS
DETECTOR
NETWORK
LOOP
DETECTOR
RX
EQUALIZER
EQUALIZER
CONTROL
AIS
DETECTOR
LOS
DETECTOR
LBO[3:0]
LOOPBACK
ENABLE
NLCD ENABLE
QRSS ENABLE
SDO
SCLK
SDI
RESET
Serial Interface
TEST
TAOS
ENABLE
MCLKE1
MCLKT1
MCLKOUT
AISD


Similar Part No. - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30IV EXAR-XRT83L30IV Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com