Electronic Components Datasheet Search
  English  ▼

X  

TPV65R080C Datasheet(PDF) 4 Page - Wuxi Unigroup Microelectronics Company

Part # TPV65R080C
Description  650V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPV65R080C Datasheet(HTML) 4 Page - Wuxi Unigroup Microelectronics Company

  TPV65R080C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPV65R080C, TPW65R080C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-100
-50
0
50
100
150
200
I
D = 250µA
4
Typical Characteristics T
J = 25º
C, unless otherwise noted
10-4
10-3
10-2
10-1
100
10-7
10-6
10-5
10-4
10-3
10-2
10-1
Figure 7. On-Resistance vs. Temperature
Figure 8. Threshold Voltage vs. Temperature
T
p, Pulse Width (s)
T
J, Junction Temperature (º
C)
T
J, Junction Temperature (º
C)
Figure 9. Transient Thermal Impedance
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
V
GS = 10V
I
D = 20A
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com