Electronic Components Datasheet Search
  English  ▼

X  

TPV65R080C Datasheet(PDF) 5 Page - Wuxi Unigroup Microelectronics Company

Part # TPV65R080C
Description  650V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPV65R080C Datasheet(HTML) 5 Page - Wuxi Unigroup Microelectronics Company

  TPV65R080C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPV65R080C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPV65R080C, TPW65R080C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
5
Figure A:Gate Charge Test Circuit and Waveform
Figure B:Resistive Switching Test Circuit and Waveform
Figure C:Unclamped Inductive Switching Test Circuit and Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com