Electronic Components Datasheet Search
  English  ▼

X  

PE4533 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4533
Description  SMA Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4533 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4533 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4533 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4533 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold over Nickel
MIL-G-45204
Insulation
PTFE
Body
Stainless Steel
Gold over Nickel
MIL-G-45204
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .500 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .500 inch Hole
Spacing PE4533
URL:
https://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4533-p.aspx
PE4533 REV 1.2
RF Connectors Technical Data Sheet
PE4533
SMA Female Connector Solder Attachment 4 Hole
Flange Mount Stub Terminal, .500 inch Hole Spacing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com