Electronic Components Datasheet Search
  English  ▼

X  

PE4533 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4533
Description  SMA Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4533 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4533 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4533 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4533 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 18 GHz
• Excellent VSWR of 1.25:1
• Gold over Nickel Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4533 SMA female connector solder attachment 4 hole flange mount stub terminal, .500 inch hole spacing
is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to a
maximum frequency of 18 GHz and offers excellent VSWR of 1.25:1. This SMA 4 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our SMA female 4 hole flange connector PE4533 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.08 in [27.43 mm]
Width/Dia.
0.687 in [17.45 mm]
Height
0.687 in [17.45 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .500 inch
Hole Spacing PE4533
PE4533 REV 1.2
SMA Female Connector Solder Attachment 4 Hole
Flange Mount Stub Terminal, .500 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4533


Similar Part No. - PE4533

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE45330 PASTERNACK-PE45330 Datasheet
437Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PESR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45332 PASTERNACK-PE45332 Datasheet
436Kb / 5P
BMA Jack Right Angle Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG142, RG223, RG400, RG55
PE45333 PASTERNACK-PE45333 Datasheet
420Kb / 4P
BMA Plug Right Angle Slide-On Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE4533

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4041 PASTERNACK-PE4041_16 Datasheet
344Kb / 3P
SMA Female Connector Solder Attachment
PE4115 PASTERNACK-PE4115_16 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
PE4116 PASTERNACK-PE4116_16 Datasheet
368Kb / 3P
SMA Female Connector Solder Attachment
PE4418 PASTERNACK-PE4418_16 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE4527 PASTERNACK-PE4527_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
PE4537 PASTERNACK-PE4537_16 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE4539 PASTERNACK-PE4539_13 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
PE4542 PASTERNACK-PE4542_16 Datasheet
376Kb / 3P
SMA Female Connector Solder Attachment
PE4543 PASTERNACK-PE4543_16 Datasheet
378Kb / 3P
SMA Female Connector Solder Attachment
PE4546 PASTERNACK-PE4546_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com