Electronic Components Datasheet Search
  English  ▼

X  

CF2-12 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # CF2-12
Description  NEW DUAL POWER AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CF2-12 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  CF2-12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CF2-12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CF2-12 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CF
368
TYPES AND COIL DATA (at 20
°C 68°F)
DIMENSIONS
Part No.
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Coil resistance,
Ω (±10%)
Nominal
operating
current,
mA (
±10%)
Nominal
operating Power,
mW
Usable voltage
range,
VDC
CF2-12V
12
7.2
1.0
225
53.3
640
10 to 16
mm inch
0.3
.012
0.3
.012
0.3
.012
1.1
.043
1
.039
3.5
.138
16.5
.650
1.2 max.
.047 max.
5.08
.200
5.08
.200
12.7
.500
16.5
.650
1.1
.043
1.1
.043
1.1
.043
0.4
.016
0.4
.016
7.62
.300
22.5
.886
10.16
.400
3.81
.150
2.54
.100
Recommended PC board pattern
Schematic
7.62
±0.1
.300
±.004
(0.8)
(.031)
(3)
(.118)
(6-4 dia.)
(6-.157 dia.)
(R1.5)
Land diameter
10.16
±0.1
.400
±.004
6.35
±0.1
.250
±.004
12.7
±0.1
.500
±.004
8-1.5 dia.
±0.1
8-.059 dia.
±.004
5.08
±0.1
.200
±.004
1.27
±0.1
.050
±.004
2.54
±0.1
.100
±.004
5.08
±0.1
.200
±.004
3.81
±0.1
.150
±.004
N.C.
N.O.
COM1
COM2
EXAMPLE OF CIRCUITS
Forward/reverse control circuits of DC motor for power window
: Power window motor
12 V DC
SW A
M
M
SW B
N.O.
N.O.
N.C.
N.C.
COM
COM
SW A
SW B
Motor
OFF
OFF
Stop
ON
OFF
Forward
OFF
ON
Reverse
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com