Electronic Components Datasheet Search
  English  ▼

X  

CF2-12 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # CF2-12
Description  NEW DUAL POWER AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

CF2-12 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  CF2-12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) CF2-12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) CF2-12 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CF
367
CF-RELAYS
NEW DUAL POWER
AUTOMOTIVE RELAY
mm inch
16.5
.650
16.5
.650
22.5
.886
FEATURES
• 7 Amp Steady/30 Amp Inrush current
capability
• Simple footprint enables ease of PC
board layout
Normally
Open
Open
Space
Common
Normally
Closed
Coil 1
Coil 2
SPECIFICATIONS
Contact
Coil
Characteristics
Arrangement
1 Form C
×2 (H bridge)
Contact material
Silver alloy
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Ω
Contact voltage drop, max.
0.2 V (at 20 A switching)
Rating
Nominal switching
capacity
N.O.: 20A 14 V DC
N.C.: 10A 14 V DC
Max. switching power
140 W
Max. switching voltage
16 V DC
Max. make current
10 A (Continuous),
30 A (within 1 min.; coil applied
voltage: 12 V, at 20
°C)
Max. carrying current
30 A (2 minutes ), 20A (1 hour)
(coil applied voltage: 12 V, at 20
°C)
Expect
ed life
(min.
ope.)
Mechanical (at 180 cpm)
106
Electrical
resistive load
Min.105
7 A 14 V DC,
Inrush 30 A
(Motor load)
2
×105
20 A 14 V DC
(Motor lock)
Min.5
×104
Nominal operating power
640 mW
Max. operating speed
(at rated load)
6 cpm
Initial insulation resistance*1
Min. 100 m
Ω (at 500 V DC)
Initial breakdown
voltage*2
Between open
contacts
1,000 Vrms for 1 min.
Between
contacts and coil
1,000 Vrms for 1 min.
Operate time*3
(at nominal voltage)
Max. 10 ms
Release time (without diode)*3
(at nominal voltage)
Max. 10 ms
Shock resistance
Functional*4
Min. 100 m/s2 {10 G}
Destructive*5
Min. 1,000 m/s2 {100 G}
Vibration
resistance
Functional*6
Approx. 44.1 m/s2 {4.5 G},
10 to 100 Hz
Destructive
Approx. 44.1 m/s2 {4.5 G},
10 to 500 Hz
Conditions for
operation, trans-
port and storage*7
(Not freezing and
condensing at low
temperature)
Ambient temp.
–40
°C to + 85°C
–40
°F to +185°F
Humidity
5 to 85%R.H.
Unit weight
Standard type
Approx. 15 g .529 oz
Remarks
* Specifications will vary with foreigh standards certification ratings.
*1 Measurement at same location as "Intial breakdown voltage" section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
TYPICAL APPLICATIONS
• Automotive: Power-window, power sunroof, etc.
ORDERING INFORMATION
Contact arrangement
Coil voltage(DC)
1 Form C
× 2
Standard packing: Carton: 35pcs.; Case: 700pcs.
12 V
Ex. CF
2
12 V
–


Similar Part No. - CF2-12

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
CF2-12V PANASONICBATTERY-CF2-12V Datasheet
106Kb / 3P
TWIN POWER AUTOMOTIVE RELAY
More results

Similar Description - CF2-12

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
730-1A-0600-PC OENINDIA-730-1A-0600-PC Datasheet
86Kb / 3P
AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
AUTOMOTIVE POWER RELAY
78-1A-121E OENINDIA-78-1A-121E Datasheet
75Kb / 3P
AUTOMOTIVE POWER RELAY
93-1A-1210 OENINDIA-93-1A-1210 Datasheet
96Kb / 2P
AUTOMOTIVE POWER RELAY
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
AUTOMOTIVE POWER RELAY
OEN41 OENINDIA-OEN41 Datasheet
353Kb / 2P
AUTOMOTIVE POWER RELAY.
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
AUTOMOTIVE POWER RELAY
OEN84 OENINDIA-OEN84 Datasheet
417Kb / 2P
AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com