Electronic Components Datasheet Search
  English  ▼

X  

1085821 Datasheet(PDF) 3 Page - SICK AG

Part # 1085821
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1085821 Datasheet(HTML) 3 Page - SICK AG

  1085821 Datasheet HTML 1Page - SICK AG 1085821 Datasheet HTML 2Page - SICK AG 1085821 Datasheet HTML 3Page - SICK AG 1085821 Datasheet HTML 4Page - SICK AG 1085821 Datasheet HTML 5Page - SICK AG 1085821 Datasheet HTML 6Page - SICK AG 1085821 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GRTE18-N2412V | GR18 Inox
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
± 5 Vpp 2)
Power consumption
≤ 30 mA
Switching output
NPN
Output function
Complementary
Switching mode
Light/dark switching 3)
Signal voltage NPN HIGH/LOW
Approx. VS / ≤ 3 V
Output current Imax.
100 mA 4)
Response time
< 1,000 µs 5)
Switching frequency
± 500 Hz 6)
Connection type
Male connector M12, 4-pin
Circuit protection
A 7)
B 8)
D 9)
Protection class
III
Weight
65 g
Housing material
Stainless steel, Stainless steel V4A (1.4404, 316L)
Optics material
Plastic, PMMA
Tightening torque, max.
90 Nm
Enclosure rating
IP67
IP68 10)
IP69K 11)
Items supplied
Fastening nuts (2 x)
EMC
EN 60947-5-2
Ambient operating temperature
–25 °C ... +55 °C 12)
Ambient storage temperature
–30 °C ... +75 °C
UL File No.
E348498
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Q = light switching; Ǭ = dark switching.
4) At Uv > 24 V or ambient temperature > 49 °C, IA max. = 50 mA.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) D = outputs overcurrent and short-circuit protected.
10) According to EN 60529 (10 m water depth / 24 h).
11) According to ISO 20653:2013-03.
12) At Uv <=24V and IA<50mA.
Classifications
ECl@ss 5.0
27270903
ECl@ss 5.1.4
27270903
ECl@ss 6.0
27270903
2018-01-22 17:26:13 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com