Electronic Components Datasheet Search
  English  ▼

X  

1085821 Datasheet(PDF) 6 Page - SICK AG

Part # 1085821
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1085821 Datasheet(HTML) 6 Page - SICK AG

  1085821 Datasheet HTML 1Page - SICK AG 1085821 Datasheet HTML 2Page - SICK AG 1085821 Datasheet HTML 3Page - SICK AG 1085821 Datasheet HTML 4Page - SICK AG 1085821 Datasheet HTML 5Page - SICK AG 1085821 Datasheet HTML 6Page - SICK AG 1085821 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRTE18-N2412V | GR18 Inox
PHOTOELECTRIC SENSORS
Sensing range diagram
GRTE18S, 100 mm
0
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
120
(4.72)
140
(5.51)
Distance in mm (inch)
Sensing range
Sensing range max.
2
3
1
100
115
3/5
70
85
5/10
50 60
10/15
①  Sensing range on black, 6% remission
②  Sensing range on gray, 20 % remission
③  Sensing range on white, 90% remission
Dimensional drawing (Dimensions in mm (inch))
GR18 Inox, connector, straight
M18x1
2
3
4
5
1
M12x1
2.8 (0.11)
2.2 (0.09)
6 7
M18x1
①  Connection
②  Threaded mounting hole M18 x 1
③  Fastening nuts (2 x); width across 24, stainless steel
④  Potentiometer, 270°
⑤  LED indicator (4 x)
⑥  Optical axis receiver
⑦  Optical axis sender
6
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2018-01-22 17:26:13
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com