Electronic Components Datasheet Search
  English  ▼

X  

PE6076 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6076
Description  2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6076 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6076 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6076 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6076 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass PE6076
URL:
https://www.pasternack.com/2-watts-n-female-rf-load-up-to-18-ghz-precision-pe6076-p.aspx
PE6076
PE6076 REV 1.2
RF Terminations Technical Data Sheet
2 Watt RF Load with Chain Up to 18 GHz
with N Female Nickel Plated Brass



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com