Electronic Components Datasheet Search
  English  ▼

X  

PE6076 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6076
Description  2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6076 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6076 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6076 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6076 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Input Power (CW)
2
Watts
Derated Linearly to 1 watt @ +125°C
Input Power (Peak)
1
KWatts
5 µsec Pulse, .05% Duty Cycle
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 8
8 to 12.4
12.4 to 18
GHz
VSWR, Typ
1.2:1
1.25:1
1.3:1
.
Mechanical Specifications
Size
Length
0.936 in [23.77 mm]
Width
0.625 in [15.88 mm]
.
Weight
0.082 lbs [37.19 g]
.
Configuration
Connector
N Female
Connector Specification
MIL-STD-348
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
Body
Brass
Nickel
Housing
Brass
Nickel
Chain
Passivated Stainless Steel
.
PE6076
PE6076 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass PE6076
RF Terminations Technical Data Sheet
2 Watt RF Load with Chain Up to 18 GHz
with N Female Nickel Plated Brass


Similar Part No. - PE6076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6076 PASTERNACK-PE6076 Datasheet
87Kb / 1P
50 OHM N FEMALE,PRECISION TERMINATION WITH CHAIN FREQUENCY RANGE: DC TO 18 GHz
More results

Similar Description - PE6076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6084 PASTERNACK-PE6084_16 Datasheet
423Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com