Electronic Components Datasheet Search
  English  ▼

X  

DAC6573 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6573
Description  QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6573 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC6573 Datasheet HTML 5Page - Texas Instruments DAC6573 Datasheet HTML 6Page - Texas Instruments DAC6573 Datasheet HTML 7Page - Texas Instruments DAC6573 Datasheet HTML 8Page - Texas Instruments DAC6573 Datasheet HTML 9Page - Texas Instruments DAC6573 Datasheet HTML 10Page - Texas Instruments DAC6573 Datasheet HTML 11Page - Texas Instruments DAC6573 Datasheet HTML 12Page - Texas Instruments DAC6573 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
IDD - Current Consumption - µA
0
500
1000
1500
2000
500 520 540 560 580 600 620 640 660 680 700 720 740
VDD = 5 V
VLogic − Logic Input Voltage − V
200
400
600
800
1000
1200
0
1
2
3
4
5
TA = 25°C
A0 Input (All Other Inputs = GND)
VDD = 2.7 V
VDD = 5.5 V
−1
0
1
2
3
4
5
6
Time (2
µs/div)
VDD = 5 V
Powerup to Code 1000
IDD - Current Consumption - µA
0
500
1000
1500
2000
400 420 440 460 480 500 520 540 560 580 600 620
VDD = 2.7 V
0
1
2
3
4
5
Time (25
µs/div)
VDD = 5 V
Output Loaded with
200 pF to GND
10% to 90% FSR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (25
µs/div)
VDD = 2.7 V
Output Loaded with
200 pF to GND
10% to 90% FSR
DAC6573
SLAS402 – NOVEMBER 2003
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
HISTOGRAM
vs LOGIC INPUT VOLTAGE
OF CURRENT CONSUMPTION
Figure 19.
Figure 20.
HISTOGRAM
EXITING
OF CURRENT CONSUMPTION
POWER-DOWN MODE
Figure 21.
Figure 22.
LARGE SIGNAL
LARGE SIGNAL
SETTLING TIME
SETTLING TIME
Figure 23.
Figure 24.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com