Electronic Components Datasheet Search
  English  ▼

X  

DAC6573 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6573
Description  QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6573 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC6573 Datasheet HTML 21Page - Texas Instruments DAC6573 Datasheet HTML 22Page - Texas Instruments DAC6573 Datasheet HTML 23Page - Texas Instruments DAC6573 Datasheet HTML 24Page - Texas Instruments DAC6573 Datasheet HTML 25Page - Texas Instruments DAC6573 Datasheet HTML 26Page - Texas Instruments DAC6573 Datasheet HTML 27Page - Texas Instruments DAC6573 Datasheet HTML 28Page - Texas Instruments DAC6573 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.ti.com
IOV
DD AND VOLTAGE TRANSLATORS
DRIVING RESISTIVE AND CAPACITIVE LOADS
CROSSTALK
OUTPUT VOLTAGE STABILITY
SETTLING TIME AND OUTPUT GLITCH PERFORMANCE
DAC6573
SLAS402 – NOVEMBER 2003
IOVDD pin powers the digital input structures of the DAC6573. For single-supply operation, IOVDD can be tied to
VDD. For dual-supply operation, the IOVDD pin provides interface flexibility with various CMOS logic famil-
ies—connect it to the logic supply of the system. Analog circuits and internal logic of the DAC6573 use VDD as
the supply voltage. The external logic high inputs get translated to VDD by level shifters. These level shifters use
the IOVDD voltage as a reference to shift the incoming logic HIGH levels to VDD. IOVDD operates from 2.7 V to 5.5
V regardless of the VDD voltage, ensuring compatibility with various logic families. Although specified down to 2.7
V, IOVDD operates as low as 1.8 V with degraded timing and temperature performance. For lowest power
consumption, ensure that logic VIH levels are as close as possible to IOVDD, and logic VIL levels as close as
possible to GND voltages.
The DAC6573 output stage is capable of driving loads of up to 1000 pF while remaining stable. Within the offset
and gain error margins, the DAC6573 can operate rail-to-rail when driving a capacitive load. Resistive loads of 2
k
Ω can be driven by the DAC6573 while achieving a good load regulation. When the outputs of the DAC are
driven to the positive rail under resistive loading, the PMOS transistor of each Class-AB output stage can enter
into the linear region. When this occurs, the added IR voltage drop deteriorates the linearity performance of the
DAC. This only occurs within approximately the top 20 mV of the DAC's digital input-to-voltage output transfer
characteristic. The reference voltage applied to the DAC6573 may be reduced below the supply voltage applied
to VDD in order to eliminate this condition if good linearity is a requirement at full scale (under resistive loading
conditions).
The DAC6573 architecture uses separate resistor strings for each DAC channel in order to achieve ultra-low
crosstalk performance. DC crosstalk seen at one channel during a full-scale change on the neighboring channel
is typically less than 0.01 LSBs. The ac crosstalk measured (for a full-scale, 1-kHz sine wave output generated at
one channel, and measured at the remaining output channel) is typically under -100 dB.
The DAC6573 exhibits excellent temperature stability of
±3 ppm/°C typical output voltage drift over the specified
temperature range of the device. This enables the output voltage of each channel to stay within a
±25-µV window
for a
±1°C ambient temperature change. Combined with good dc noise performance and true 10-Bit differential
linearity, the DAC6573 becomes a perfect choice for closed-loop control applications.
Settling time to within the 10-bit accurate range of the DAC6573 is achievable within 7 µs for a full-scale code
change at the input. Worst case settling times between consecutive code changes is typically less than 2 µs. The
high-speed serial interface of the DAC6573 is designed in order to support up to 188-kSPS update rate. For
full-scale output swings, the output stage of each DAC6573 channel typically exhibits less than 100 mV of
overshoot and undershoot when driving a 200 pF capacitive load. Code-to-code change glitches are extremely
low (~10 µV) given that the code-to-code transition does not cross an Nx64 code boundary. Due to internal
segmentation of the DAC6573, code-to-code glitches occur at each crossing of an Nx64 code boundary. These
glitches can approach 100 mVs for N = 15, but settle out within ~2 µs.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com