Electronic Components Datasheet Search
  English  ▼

X  

DG2037 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2037
Description  Low-Voltage, Low rON, Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2037 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2037 Datasheet HTML 1Page - Vishay Siliconix DG2037 Datasheet HTML 2Page - Vishay Siliconix DG2037 Datasheet HTML 3Page - Vishay Siliconix DG2037 Datasheet HTML 4Page - Vishay Siliconix DG2037 Datasheet HTML 5Page - Vishay Siliconix DG2037 Datasheet HTML 6Page - Vishay Siliconix DG2037 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DG2037/2038/2039
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72359
S-31642—Rev. A, 01-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
- 60
- 40
- 20
0
20
40
60
80
100 120 140
Switching Time vs. Temperature and Supply Voltage
Temperature (
_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0123456
V+ - Supply Voltage (V)
Switching Threshold vs. Supply Voltage
-6
-4
-2
0
2
4
6
8
10
12
0123456
VCOM - Analog Voltage (v)
Charge Injection vs. Analog Voltage
V+ = 3 V
V+ = 5.5 V
V+ = 1.8 V
-110
10
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
Frequency (Hz)
-10
10 K
1 M
100 K
1 K
100
-30
-50
-70
RL = 50 W
v+ = 5 v
v+ = 3 v
LOSS
OIRR
XTALK, V+ = 5.5 V
tON, V+ = 3.3 V
tON, V+ = 5.5 V
Q @ Source
tOFF, V+ = 3.3 V
tOFF, V+ = 5.5 V
XTALK, V+ = 3.3 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com