Electronic Components Datasheet Search
  English  ▼

X  

DG2037 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2037
Description  Low-Voltage, Low rON, Dual SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2037 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2037 Datasheet HTML 1Page - Vishay Siliconix DG2037 Datasheet HTML 2Page - Vishay Siliconix DG2037 Datasheet HTML 3Page - Vishay Siliconix DG2037 Datasheet HTML 4Page - Vishay Siliconix DG2037 Datasheet HTML 5Page - Vishay Siliconix DG2037 Datasheet HTML 6Page - Vishay Siliconix DG2037 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DG2037/2038/2039
Vishay Siliconix
New Product
Document Number: 72359
S-31642—Rev. A, 01-Aug-03
www.vishay.com
1
Low-Voltage, Low rON, Dual SPST Analog Switch
FEATURES
D Low Voltage Operation (1.8 V to 5.5 V)
D Low On-Resistance - rDS(on): 3.0 W
D Fast Switching - 12 ns
D Low Charge Injection - QINJ: 10 pC
D Low Power Consumption
D TTL/CMOS Compatible
D SOT23-8 and MSOP-8 Packages
BENEFITS
D Reduced Power Consumption
D Simple Logic Interface
D High Accuracy
D Reduce Board Space
APPLICATIONS
D Cellular Phones
D Communication Systems
D Portable Test Equipment
D Battery Operated Systems
D Sample and Hold Circuits
DESCRIPTION
The DG2037/2038/2039 are dual single-pole/single-throw
monolithic
CMOS
analog
switch
designed
for
high
performance switching of analog signals. Combining low
power,
fast
switching,
low
on-resistance
(rDS(on):
3.0
W @ 2.7 V)
and
small
physical
size,
the
DG2037/2038/2039 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2037/2038/2039 are built on Vishay Siliconix’s new
high density low voltage process. An epitaxial layer prevents
latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATIONDG2037
DG2037, MSOP-8
IN1
NO1
V+
DG2037. SOT23-8
COM1
NO2
IN2
COM2
GND
1
2
3
4
8
7
6
5
Top View
NO1
V+
COM1
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
Device Marking: 2037
Device Marking: E0
TRUTH TABLE DG2037
Logic
Switch
0
Off
1
On


Similar Part No. - DG2037

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2037DQ VISHAY-DG2037DQ Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2037DS VISHAY-DG2037DS Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
More results

Similar Description - DG2037

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
Low-Voltage, Low rON Quad SPST Analog Switch
20-Jan-03
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Dual SPST Analog Switch
21-May-07
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
Low-Voltage, Low RON Quad SPST Analog Switch
13-Jun-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch
28-Feb-11
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
Low-Voltage, Low RON Quad SPST Analog Switch
27-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com