Electronic Components Datasheet Search
  English  ▼

X  

DM8898 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM8898
Description  TRI-STATE BCD to Binary/Binary to BCD Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM8898 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM8898 Datasheet HTML 1Page - National Semiconductor (TI) DM8898 Datasheet HTML 2Page - National Semiconductor (TI) DM8898 Datasheet HTML 3Page - National Semiconductor (TI) DM8898 Datasheet HTML 4Page - National Semiconductor (TI) DM8898 Datasheet HTML 5Page - National Semiconductor (TI) DM8898 Datasheet HTML 6Page - National Semiconductor (TI) DM8898 Datasheet HTML 7Page - National Semiconductor (TI) DM8898 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DM8898 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 400X
Symbol
Parameter
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
50
ns
Low to High Level Output
tPHL
Propagation Delay Time
50
ns
High to Low Level Output
tPZH
Output Enable Time
25
ns
to High Level Output
tPZL
Output Enable Time
40
ns
to Low Level Output
tPHZ
Output Disable Time
20
ns
from High Level Output
tPLZ
Output Disable Time
36
ns
from Low Level Output
Recommended Operating Conditions
Symbol
Parameter
DM8899
Units
Min
Nom
Max
VCC
Supply Voltage
475
50
525
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
52
mA
IOL
Low Level Output Current
12
mA
TA
Free Air Operating Temperature
0
70
C
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com