Electronic Components Datasheet Search
  English  ▼

X  

DM8898 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM8898
Description  TRI-STATE BCD to Binary/Binary to BCD Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM8898 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM8898 Datasheet HTML 1Page - National Semiconductor (TI) DM8898 Datasheet HTML 2Page - National Semiconductor (TI) DM8898 Datasheet HTML 3Page - National Semiconductor (TI) DM8898 Datasheet HTML 4Page - National Semiconductor (TI) DM8898 Datasheet HTML 5Page - National Semiconductor (TI) DM8898 Datasheet HTML 6Page - National Semiconductor (TI) DM8898 Datasheet HTML 7Page - National Semiconductor (TI) DM8898 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DM8899 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IOZH
Off-State Output Current
VCC e Max VO e 24V
with High Level
VIH e Min VIL e Max
40
m
A
Output Voltage Applied
IOZL
Off-State Output Current
VCC e Max VO e 04V
with Low Level
VIH e Min VIL e Max
b
40
m
A
Output Voltage Applied
IOS
Short Circuit Output Current
VCC e Max (Note 2)
b
20
b
70
mA
ICC
Supply Current
VCC e Max
70
99
mA
DM8899 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 400X
Symbol
Parameter
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
50
ns
Low to High Level Output
tPHL
Propagation Delay Time
50
ns
High to Low Level Output
tPZH
Output Enable Time
25
ns
to High Level Output
tPZL
Output Enable Time
40
ns
to Low Level Output
tPHZ
Output Disable Time
20
ns
from High Level Output
tPLZ
Output Disable Time
36
ns
from Low Level Output
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com