Electronic Components Datasheet Search
  English  ▼

X  

DP8308 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8308
Description  8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8308 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8308 Datasheet HTML 1Page - National Semiconductor (TI) DP8308 Datasheet HTML 2Page - National Semiconductor (TI) DP8308 Datasheet HTML 3Page - National Semiconductor (TI) DP8308 Datasheet HTML 4Page - National Semiconductor (TI) DP8308 Datasheet HTML 5Page - National Semiconductor (TI) DP8308 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics (Continued)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature
Range’’ they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual
device operation
Note 2
Unless otherwise specified minmax limits apply across the supply and temperature range listed in the table of Recommended Operating Conditions
All typical values given are for VCC e 5V and TA e 25 C
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to ground unless otherwise specified
Note 4
Only one output at a time should be shorted
Switching Time Waveforms and AC Test Circuits
TLF8795 – 3
TLF8795 – 4
Note
C1 includes test fixture capacitance
FIGURE A Propagation Delay from A Port to B Port or from B Port to A Port
TLF8795 – 5
TLF8795 – 6
Note
C4 includes test fixture capacitance Port input is in a fixed logical condition See AC Table
FIGURE B Propagation Delay tofrom TRI-STATE from R to A Port and T to B Port
http
www nationalcom
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com