Electronic Components Datasheet Search
  English  ▼

X  

FC-335-SY4 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # FC-335-SY4
Description  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335-SY4 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  FC-335-SY4 Datasheet HTML 1Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 2Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 3Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 4Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 5Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SHEET
3 of 6
REV 11/29/17
SERIES FC-335
PRODUCT DATA SHEET
29-Nov-2017 Rev
PH. 828-338-1087
FAX 828-338-1103
1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730
, CARPINTERIA, CA 93013
CAGE CODE
SCALE
NONE
Dimensions shown for reference
Only. Specifications subject to
change.
PART NUMBERING SYSTEM
CII Part
Number
Terminal
Mounting
Coil
FC-335-CW3
Solder
Hook
Stud
28 Vdc
FC-335-SY3
Screw
Bracket
28 Vdc
FC-335-CW4
Solder
Hook
Stud
28 Vdc
(Suppressed)
FC-335-SY4
Screw
Bracket
28 Vdc
(Suppressed)
FC-335-CW9
Solder
Hook
Stud
115 Vac, 50/60 Hz
FC-335-SY9
Screw
Bracket
115 Vac, 50/60 Hz
FC-335-CW8
Solder
Hook
Stud
115 Vac, 400 Hz
FC-335-SY8
Screw
Bracket
115 Vac, 400 Hz
* SPECIALS AVAILABLE UPON REQUEST, PLEASE CONTACT FACTORY.
CONTACT ELECTRICAL CHARACTERISTICS
CONTACT RATING (A)
Type of Load
Life (Min.)
Cycles X103
28Vdc
25A, 230 VAC
35A, 115 VAC
400 Hz
50/60 Hz
400Hz
50/60Hz
Resistive
50
35
25
25
35
35
Inductive
10
15
25
25
25
25
Motor
50
20
20
12
20
12
Lamp
50
10
10
10
10
10
Mechanical life
reduced current
200
6.3
6.3
6.3
6.3
6.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com