Electronic Components Datasheet Search
  English  ▼

X  

FC-335-SY4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # FC-335-SY4
Description  RELAY NON-LATCHING3PST/NO (DM)35A/28Vdc, 115 Vac ??50/60Hz, 400Hz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-335-SY4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  FC-335-SY4 Datasheet HTML 1Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 2Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 3Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 4Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 5Page - TE Connectivity Ltd FC-335-SY4 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SHEET
4 of 6
REV 11/29/17
SERIES FC-335
PRODUCT DATA SHEET
29-Nov-2017 Rev
PH. 828-338-1087
FAX 828-338-1103
1396 CHARLOTTE HIGHWAY, FAIRVIEW, NC 28730
, CARPINTERIA, CA 93013
CAGE CODE
SCALE
NONE
Dimensions shown for reference
Only. Specifications subject to
change.
CONFIGURATION
Style 1: Solder Hook Terminals
MOUNTING LAYOUT
Note:
Tolerances ±.010” unless otherwise
specified.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com