Electronic Components Datasheet Search
  English  ▼

X  

SLG46170V Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # SLG46170V
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170V Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button SLG46170V Datasheet HTML 62Page - Dialog Semiconductor SLG46170V Datasheet HTML 63Page - Dialog Semiconductor SLG46170V Datasheet HTML 64Page - Dialog Semiconductor SLG46170V Datasheet HTML 65Page - Dialog Semiconductor SLG46170V Datasheet HTML 66Page - Dialog Semiconductor SLG46170V Datasheet HTML 67Page - Dialog Semiconductor SLG46170V Datasheet HTML 68Page - Dialog Semiconductor SLG46170V Datasheet HTML 69Page - Dialog Semiconductor SLG46170V Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
000-0046170-103
Page 65 of 86
SLG46170
16.2 RC OSC Block Diagram
Figure 33. RC OSC Block Diagram
Internal RCO
reg <970>
0: 25 kHz
1: 2 MHz
/ 4
/ 8
/ 12
/ 24
/ 64
/ 3
/ 3
To Connection Matrix Input <46>
To Connection Matrix Input <47>
To Connection Matrix Input <60>
To Connection Matrix Input <49>
0
1
2
3
To Connection Matrix Input <48>
reg <976:975>
DIV /1/2/4/8
reg <973:972>
First Stage
Divider
Second Stage
Divider
Pin 14 Ext. Clock
Ext. Clk Sel reg <974>
0
1
From Connection Matrix Output <82>
PWR DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com