Electronic Components Datasheet Search
  English  ▼

X  

SLG46170V Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG46170V
Description  Personal Computers and Servers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46170V Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG46170V Datasheet HTML 33Page - Dialog Semiconductor SLG46170V Datasheet HTML 34Page - Dialog Semiconductor SLG46170V Datasheet HTML 35Page - Dialog Semiconductor SLG46170V Datasheet HTML 36Page - Dialog Semiconductor SLG46170V Datasheet HTML 37Page - Dialog Semiconductor SLG46170V Datasheet HTML 38Page - Dialog Semiconductor SLG46170V Datasheet HTML 39Page - Dialog Semiconductor SLG46170V Datasheet HTML 40Page - Dialog Semiconductor SLG46170V Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
000-0046170-103
Page 36 of 86
SLG46170
9.2 3-Bit LUT
The nine 3-bit LUTs each take in three input signals from the connection matrix and produce a single output, which goes back
into the connection matrix.
Figure 7. 3-bit LUTs
3-bit LUT0 OUT
IN1
IN0
reg <604:597>
From Connection
Matrix Output <39>
From Connection
Matrix Output <40>
To Connection
Matrix Input <26>
3-bit LUT1 OUT
IN1
IN0
reg <612:605>
From Connection
Matrix Output <42>
From Connection
Matrix Output <43>
To Connection
Matrix Input <27>
IN2
From Connection
Matrix Output <41>
IN2
From Connection
Matrix Output <44>
3-bit LUT2 OUT
IN1
IN0
reg <620:613>
From Connection
Matrix Output <45>
From Connection
Matrix Output <46>
To Connection
Matrix Input <28>
3-bit LUT3 OUT
IN1
IN0
reg <628:621>
From Connection
Matrix Output <48>
From Connection
Matrix Output <49>
To Connection
Matrix Input <29>
IN2
From Connection
Matrix Output <47>
IN2
From Connection
Matrix Output <50>
3-bit LUT4 OUT
IN1
IN0
reg <636:629>
From Connection
Matrix Output <51>
From Connection
Matrix Output <52>
To Connection
Matrix Input <30>
3-bit LUT5 OUT
IN1
IN0
reg <644:637>
From Connection
Matrix Output <54>
From Connection
Matrix Output <55>
To Connection
Matrix Input <31>
IN2
From Connection
Matrix Output <53>
IN2
From Connection
Matrix Output <56>
3-bit LUT9 OUT
IN1
IN0
reg <676:669>
From Connection
Matrix Output <66>
From Connection
Matrix Output <67>
To Connection
Matrix Input<35>
IN2
From Connection
Matrix Output <68>
3-bit LUT6 OUT
IN1
IN0
reg <652:645>
From Connection
Matrix Output <57>
From Connection
Matrix Output <58>
To Connection
Matrix Input <32>
3-bit LUT7 OUT
IN1
IN0
reg <660:653>
From Connection
Matrix Output <60>
From Connection
Matrix Output <61>
To Connection
Matrix Input <33>
IN2
From Connection
MatrixOutput <59>
IN2
From Connection
Matrix Output <62>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com