Electronic Components Datasheet Search
  English  ▼

X  

SLG46722 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # SLG46722
Description  Personal Computers and Servers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46722 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button SLG46722 Datasheet HTML 35Page - Dialog Semiconductor SLG46722 Datasheet HTML 36Page - Dialog Semiconductor SLG46722 Datasheet HTML 37Page - Dialog Semiconductor SLG46722 Datasheet HTML 38Page - Dialog Semiconductor SLG46722 Datasheet HTML 39Page - Dialog Semiconductor SLG46722 Datasheet HTML 40Page - Dialog Semiconductor SLG46722 Datasheet HTML 41Page - Dialog Semiconductor SLG46722 Datasheet HTML 42Page - Dialog Semiconductor SLG46722 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
000-0046722-111
Page 38 of 82
SLG46722
10.0 Combination Function Macro Cells
The SLG46722 has two combination function macrocells that can serve more than one logic or timing function. In each case, they
can serve as a Look Up Table (LUT), or as another logic or timing function. See the list below for the functions that can be
implemented in these macrocells;
One macrocell that can serve as either 2-bit LUT or as D Flip Flop
One macrocell that can serve as either 3-bit LUT or as Pipe Delay
Inputs/Outputs for the two combination function macrocells are configured from the connection matrix with specific logic functions
being defined by the state of NVM bits. When used as a LUT to implement combinatorial logic functions, the outputs of the LUTs
can be configured to any user defined function, including the following standard digital logic devices (AND, NAND, OR, NOR,
XOR, XNOR).
10.1 2-Bit LUT or D Flip Flop Macrocells
There is one macrocell that can serve as either a 2-bit LUT or as a D Flip Flop. When used to implement LUT function, the 2-bit
LUT takes in two input signals from the connection matrix and produce a single output, which goes back into the connection
matrix.
When used to implement D Flip Flop function, the two input signals from the connection matrix go to the data (d) and
clock (clk) inputs for the Flip Flop, with the output going back to the connection matrix.
10.1.1 2-Bit LUT or D Flip Flop Macrocells Used as 2-Bit LUTs
Figure 9. 2-bit LUT0 or DFF4
DFF4
clk
D
2-bit LUT0
OUT
IN0
IN1
To Connection
Matrix Input <36>
4-bits NVM
From Connection Matrix Output <70>
1-bit NVM
reg <575:572>
reg <596>
From Connection Matrix Output <69>
Q/nQ
reg <573> Output Select (Q or nQ)
Table 44. 2-bit LUT0 Truth Table.
IN1
IN0
OUT
0
0
reg <572>
0
1
reg <573>
1
0
reg <574>
1
1
reg <575>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com