| Electronic Components Datasheet Search |
|
SLG46536 Datasheet(PDF) 80 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46536 Datasheet(HTML) 80 Page - Dialog Semiconductor |
|
80 / 165 page ![]() SLG46536_DS_105 Page 79 of 164 SLG46536 This macrocell generates a high level pulse with a set width (defined by counter data) when detecting the respective edge. It does not restart while pulse is high. 9.7.4 Frequency Detection Mode CNT/DLY0...CNT/DLY6 Rising Edge: The output goes high if the time between two successive edges is less than the delay. The output goes low if the second rising edge has not come after the last rising edge in specified time. Falling Edge: The output goes high if the time between two falling edges is less than the set time. The output goes low if the second falling edge has not come after the last falling edge in specified time. Both Edge: The output goes high if the time between the rising and falling edges is less than the set time, which is equivalent to the length of the pulse. The output goes low if after the last rising/falling edge and specified time, the second edge has not come. Table 78. DLY/CNTx One-Shot / Freq. Detect Output Polarity Address Signal Function Register Bit Definition I2C Interface Byte Register Bit Read Write A6 reg<1329> Select the Polarity of DLY/CNT6's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1330> Select the Polarity of DLY/CNT5's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1331> Select the Polarity of DLY/CNT4's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1332> Select the Polarity of DLY/CNT3's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1333> Select the Polarity of DLY/CNT2's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1334> Select the Polarity of DLY/CNT1's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid reg<1335> Select the Polarity of DLY/CNT0's One Shot / Freq. Detect Output 0: Default Output 1: Inverted Output Valid Valid |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |