Electronic Components Datasheet Search
  English  ▼

X  

LPV822 Datasheet(PDF) 9 Page - Texas Instruments

Part # LPV822
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV822 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV822 Datasheet HTML 5Page - Texas Instruments LPV822 Datasheet HTML 6Page - Texas Instruments LPV822 Datasheet HTML 7Page - Texas Instruments LPV822 Datasheet HTML 8Page - Texas Instruments LPV822 Datasheet HTML 9Page - Texas Instruments LPV822 Datasheet HTML 10Page - Texas Instruments LPV822 Datasheet HTML 11Page - Texas Instruments LPV822 Datasheet HTML 12Page - Texas Instruments LPV822 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Frequency (MHz)
0
20
40
60
80
100
120
10
100
1k
SNOS
EMIRR at 0dBm
EMIRR at -10dBm
EMIRR at -20dBm
Supply Voltage (V)
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
100
200
300
400
500
600
700
800
900
1000
1100
SNOS
IQ (nA) at 125 °C
IQ (nA) at 25 °C
IQ (nA) at -40 °C
Frequency (Hz)
10
20
30
40
50
60
70
80
90
100
110
120
130
140
10
100
1k
10k
SNOS
CMRR (dB) at Vs = 3.3V
CMRR (dB) at Vs = 1.8V
Frequency (Hz)
70
80
90
100
110
120
130
10
100
1k
10k
100k
SNOS
PSRR (dB) Vs = 3.3V
PSRR (dB) Vs = 1.8V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
9
10
SNOS
Ibias (pA) at Vs = 3.3V
Ibias (pA) at Vs = 1.8V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-320
-280
-240
-200
-160
-120
-80
-40
0
40
SNOS
Ibias (pA) at Vs = 1.8V
Ibias (pA) at Vs = 3.3V
9
LPV821
www.ti.com
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 3.3 V, VCM = VOUT = VS/2, CL = 20 pF, and RL≥ 10 MΩ, unless otherwise noted.
VS = 3.3 V and 1.8 V
Figure 19. Input Bias Current ON +IN Input vs Temperature
VS = 3.3 V and 1.8 V
Figure 20. Input Bias Current on –IN Input Pin vs
Temperature
VS = 3.3 V and 1.8 V
Figure 21. CMRR vs Frequency
VS = 3.3 V and 1.8
V
Figure 22. PSRR vs Frequency
Figure 23. EMIRR Performance
TA = –40, 25, 125°C
Figure 24. Per Channel Quiescent Current vs Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com