Electronic Components Datasheet Search
  English  ▼

X  

LPV822 Datasheet(PDF) 14 Page - Texas Instruments

Part # LPV822
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV822 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV822 Datasheet HTML 10Page - Texas Instruments LPV822 Datasheet HTML 11Page - Texas Instruments LPV822 Datasheet HTML 12Page - Texas Instruments LPV822 Datasheet HTML 13Page - Texas Instruments LPV822 Datasheet HTML 14Page - Texas Instruments LPV822 Datasheet HTML 15Page - Texas Instruments LPV822 Datasheet HTML 16Page - Texas Instruments LPV822 Datasheet HTML 17Page - Texas Instruments LPV822 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
VIN
VOUT
VIN
+
VOUT
RISO
CL
Vcc
14
LPV821
SNOSD36A – AUGUST 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2 Driving Capacitive Load
The LPV821 is internally compensated for stable unity-gain operation, with a 8-kHz typical gain bandwidth.
However, the unity-gain follower is the most sensitive configuration-to-capacitive load. The combination of a
capacitive load placed directly on the output of an amplifier along with the output impedance of the amplifier
creates a phase lag, which reduces the phase margin of the amplifier. If the phase margin is significantly
reduced, the response is under-damped, which causes peaking in the transfer and, when there is too much
peaking, the op amp might start oscillating.
Figure 38. Resistive Isolation of Capacitive Load
In order to drive heavy (> 50 pF) capacitive loads, use an isolation resistor, RISO, as shown in Figure 38. The
value of the RISO to be used should be decided depending on the size of the CLand the level of performance
desired. Recommended minimum values for RISO are given in the following table, for 3.3V supply. Figure 39
shows the typical response obtained with the CL = 50 pF RISO = 160 kΩ. By using the isolation resistor, the
capacitive load is isolated from the output of the amplifier. The larger the value of RISO, the more stable the
amplifier will be. If the value of RISO is sufficiently large, the feedback loop is stable, independent of the value of
CL. However, larger values of RISO (e.g. 50 kΩ) result in reduced output swing and reduced output current drive.
Table 1. Capacitive Loads vs. Needed Isolation Resistors
CL
RISO
0 – 20 pF
not needed
50 pF
160 k
Ω
100 pF
140 k
Ω
500 pF
54.9 k
Ω
1 nF
33 k
Ω
5 nF
15 k
Ω
10 nF
5.62 k
Ω
Figure 39. Typical Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com