Electronic Components Datasheet Search
  English  ▼

X  

ATECC508A Datasheet(PDF) 20 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 20 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 16Page - Microchip Technology ATECC508A Datasheet HTML 17Page - Microchip Technology ATECC508A Datasheet HTML 18Page - Microchip Technology ATECC508A Datasheet HTML 19Page - Microchip Technology ATECC508A Datasheet HTML 20Page - Microchip Technology ATECC508A Datasheet HTML 21Page - Microchip Technology ATECC508A Datasheet HTML 22Page - Microchip Technology ATECC508A Datasheet HTML 23Page - Microchip Technology ATECC508A Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
Table 2-12. KeyConfig Bits (Per Slot)
Bit
Name
Description
15-14 X509id
The index into the X509format array within the configuration zone (addresses 92-95)
which corresponds to this slot.
If the corresponding format byte is zero, then the public key can be validated by any
format signature by the parent.
If the corresponding format byte is non-zero, then the validating certificate must be of a
certain length; the stored public key must be located at a certain place within the message
and the SHA() commands must be used to generate the digest of the message.
Must be zero if the slot does not contain a public key.
13
RFU
Must be zero.
12
IntrusionDisable
0 = Then use of this key is independent of the state of the IntrusionLatch.
1 = Use of this key is prohibited for all commands other than GenKey if the
IntrusionLatch is zero. GenKey is permitted regardless of the state of the latch.
11-8 AuthKey
If ReqAuth is one, this field points to the key that must be used for authorization before the
key associated with this slot may be used.
Must be zero if ReqAuth is zero.
7
ReqAuth
0 = No prior authorization is required.
1 = Before this key must be used, a prior authorization using the key pointed to by
AuthKey must be completed successfully prior to cryptographic use of the key.
Applies to all key types, both public, secret, and private. See Section Authorized
Keys.
6
ReqRandom
This field controls the requirements for random nonces used by the following commands:
GenKey, MAC, HMAC, CheckMac, Verify, DeriveKey, and GenDig.
0 =
A random nonce is not required.
1 =
A random nonce is required.
5
Lockable
0 = SlotConfig and remaining KeyConfig bits control modification permissions.
1 = Slot can be individually locked using the Lock command. See the SlotLocked field
in the Configuration zone to determine whether a slot is currently locked or not.
Applies to all slots, regardless of whether or not they contain keys. See Section EEPROM
Locking.
4-2
KeyType
If the slot contains an ECC public or private key, then the key type field below must be set
to 0b100. If the slot contains any other kind of data, key, or secret, then this field must be
set to 0b111 for proper operation.
100 =
P256 NIST ECC key
111 =
Not an ECC key
All other values are RFU (Reserved for Future Use)
1
PubInfo
If Private indicates this slot contains an ECC private key:
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com