Electronic Components Datasheet Search
  English  ▼

X  

ATR0600 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR0600
Description  ATR0600 ATR0600
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0600 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR0600 Datasheet HTML 1Page - ATMEL Corporation ATR0600 Datasheet HTML 2Page - ATMEL Corporation ATR0600 Datasheet HTML 3Page - ATMEL Corporation ATR0600 Datasheet HTML 4Page - ATMEL Corporation ATR0600 Datasheet HTML 5Page - ATMEL Corporation ATR0600 Datasheet HTML 6Page - ATMEL Corporation ATR0600 Datasheet HTML 7Page - ATMEL Corporation ATR0600 Datasheet HTML 8Page - ATMEL Corporation ATR0600 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ATR0600 [Preliminary]
4536F–GPS–10/03
Pin Configuration
Figure 2. Pinning QFN28
BP
NBP
BPI
NBPI
VS1
n.c.
n.c.
X
VS5
XTO
NXTO
VS7
NX
AGCO
14 13 12 11 10 9 8
22 23 24 25 26 27 28
15
16
17
18
19
20
21
7
6
5
4
3
2
1
Pin Description
Pin
Symbol
Type
Function
Protection Level
1
AGCO
O
Signal level output
ESD3
2
NX
OB
Complementary to X
ESD3
3
VS7
P
ECL - blocks supply
ESD2
4
NXTO
IB
Complementary to XTO
ESD3
5
XTO
IB
Quartz input
ESD3
6
VS5
P
XTO supply
ESD2
7
X
OB
Quartz intermediate output
ESD3
8
n.c.
–
Not connected
–
9
P2
I
Power-up quartz oscillator
ESD3
10
P1
I
Power-up RF part
ESD3
11
VS3
P
Reference supply
ESD2
12
RFIN
IB
RF input 1.575 GHz
ESD3
13
RFNIN
IB
Complementary to RFIN
ESD3
14
n.c.
–
Not connected
–
15
BP
IB
Open-collector output of mixer
ESD3
16
NBP
IB
Complementary to BP
ESD3
17
BPI
IB
IF - filter input
ESD3
18
NBPI
IB
Complementary to BPI
ESD3
19
VS1
P
VCO + mixer + VGA supply
ESD2
20
n.c.
–
Not connected
–
21
n.c.
–
Not connected
–
22
GC
I
Gain control input
ESD3
23
VS2
P
Subsampling unit supply
ESD2
24
REF
O
Defining low threshold voltage
ESD3
25
SIGL
O
Digital interface subsampled output high threshold voltage refered to REF1
ESD3
26
SIGH
O
Digital interface subsampled output low threshold voltage refered to REF2
ESD3
27
VDIG
P
Digital interface supply voltage 1.8 V
ESD2
28
SC
O
Digital interface clock output
ESD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com