Electronic Components Datasheet Search
  English  ▼

X  

ATR0600 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0600
Description  ATR0600 ATR0600
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0600 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0600 Datasheet HTML 2Page - ATMEL Corporation ATR0600 Datasheet HTML 3Page - ATMEL Corporation ATR0600 Datasheet HTML 4Page - ATMEL Corporation ATR0600 Datasheet HTML 5Page - ATMEL Corporation ATR0600 Datasheet HTML 6Page - ATMEL Corporation ATR0600 Datasheet HTML 7Page - ATMEL Corporation ATR0600 Datasheet HTML 8Page - ATMEL Corporation ATR0600 Datasheet HTML 9Page - ATMEL Corporation ATR0600 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ATR0600 [Preliminary]
4536F–GPS–10/03
Interface Description
Figure 3. Clock Interface
Figure 4. SIGH Interface
Figure 5. SIGL Interface
Figure 6. Supply VDIGI Interface
Figure 7. Power Control Interface P1
I
20k
VDIG
SC
Chip
SC
10p
Maximum load capacitance
I
20k
VDIG
SIGH
Chip
SIGH
10p
Maximum load cap.
I
20k
VDIG
SIGL
Chip
Maximum load cap.
SIGL
10p
VDIG
Chip
VDIG
1.8V
Supply
VDD
P1
Application
100k
50k
P1
20k
Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com