Electronic Components Datasheet Search
  English  ▼

X  

HT48RA0 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48RA0
Description  Remote Type 8-Bit MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48RA0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
HT48RA0-2/HT48CA0-2
Remote Type 8-Bit MCU
Block Diagram
Rev. 1.50
1
July 23, 2004
Features
· Operating voltage: 2.0V~3.6V
· Ten bidirectional I/O lines
· 4 Schmitt trigger input lines
· One carrier output (1/2or1/3 duty)
· On-chip crystal and RC oscillator
· Watchdog Timer
· 1K´14 program memory
· 32´8 data RAM
· HALT function and wake-up feature reduce power
consumption
· 62 powerful instructions
· Up to 1ms instruction cycle with 4MHz system clock
· All instructions in 1 or 2 machine cycles
· 14-bit table read instructions
· One-level subroutine nesting
· Bit manipulation instructions
· Low voltage reset function
· 20-pin SOP/SSOP package
General Description
The HT48RA0-2/HT48CA0-2 are 8-bit high perfor-
mance, RISC architecture microcontroller devices spe-
cifically designed for multiple I/O control product
applications. The mask version HT48CA0-2 is fully pin
and functionally compatible with the OTP version
HT48RA0-2 device.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, watchdog timer,
HALT and wake-up functions, as well as low cost, en-
hance the versatility of this device to suit a wide range of
application possibilities such as industrial control, con-
sumer products, and particularly suitable for use in
products such as infrared remote controllers and vari-
ous subsystem controllers.
P r o g r a m
C o u n t e r
P r o g r a m
I n s t r u c t i o n
R e g i s t e r
I n s t r u c t i o n
D e c o d e r
T i m i n g
G e n e r a t o r
O S C 2
O S C 1
R E S
V D D
V S S
M P
M
U
X
M U X
D A T A
M e m o r y
A L U
S h i f t e r
S T A T U S
A C C
P A
P O R T A
P A 0 ~ P A 7
S Y S C L K / 4
W D T
F r e q u e n c y D i v i d e r
P B
P B 2 ~ P B 5
S T A C K
C a r r i e r C o n t r o l
L e v e l o r C a r r i e r
P C 0 / R E M
P C 0 C o n t r o l
P O R T B
P B 0 ~ P B 1


Similar Part No. - HT48RA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA0-2 HOLTEK-HT48RA0-2_08 Datasheet
229Kb / 30P
Remote Type 8-Bit MCU
September 5, 2008
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
Remote Type 8-Bit OTP MCU
More results

Similar Description - HT48RA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
8-Bit Remote Type MCU
July 16, 2003
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA1 HOLTEK-HT48RA1_09 Datasheet
269Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com