Electronic Components Datasheet Search
  English  ▼

X  

HT48RA0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48RA0
Description  Remote Type 8-Bit MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48RA0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
HT48RA0-2/HT48CA0-2
Rev. 1.50
4
July 23, 2004
Program Counter
- PC
The 10-bit program counter (PC) controls the sequence
in which the instructions stored in program ROM are ex-
ecuted and its contents specify a maximum of 1024 ad-
dresses.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set or return from subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instruction. Once the
condition is met, the next instruction, fetched during the
current instruction execution, is discarded and a dummy
cycle replaces it to get the proper instruction. Otherwise
proceed with the next instruction.
The lower byte of the program counter (PCL) is a read-
able and writeable register (06H). Moving data into the
PCL performs a short jump. The destination will be
within 256 locations.
When a control transfer takes place, an additional
dummy cycle is required.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data and table and is organized into 1024
´14 bits, ad-
dressed by the program counter and table pointer.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for the initialization program. Af-
ter chip reset, the program always begins execution at
location 000H.
· Table location
Any location in the EPROM space can be used as
look-up tables. The instructions TABRDC [m] (the cur-
rent page, one page=256 words) and TABRDL [m]
(the last page) transfer the contents of the lower-order
byte to the specified data memory, and the
Mode
Program Counter
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
0000000000
Skip
PC+2
Loading PCL
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, call branch
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*9~*0: Program counter bits
S9~S0: Stack register bits
#9~#0: Instruction code bits
@7~@0: PCL bits
0 0 0 H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
P r o g r a m
1 4 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
3 F F H
N o t e : n r a n g e s f r o m 0 t o 3
n F F H
Program Memory
Instruction(s)
Table Location
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*9~*0: Table location bits
@7~@0: Table pointer bits
P9~P8: Current program counter bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com