Electronic Components Datasheet Search
  English  ▼

X  

LM6584 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6584
Description  TFT-LCD Quad, 13V RRIO High Output Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6584 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6584 Datasheet HTML 1Page - National Semiconductor (TI) LM6584 Datasheet HTML 2Page - National Semiconductor (TI) LM6584 Datasheet HTML 3Page - National Semiconductor (TI) LM6584 Datasheet HTML 4Page - National Semiconductor (TI) LM6584 Datasheet HTML 5Page - National Semiconductor (TI) LM6584 Datasheet HTML 6Page - National Semiconductor (TI) LM6584 Datasheet HTML 7Page - National Semiconductor (TI) LM6584 Datasheet HTML 8Page - National Semiconductor (TI) LM6584 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V AC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VCM =
1
⁄2V
S and RL =2k
Ω. Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate (Note 9)
A
V = +1, VIN = 3.5VPP
11
V/µs
Unity Gain Bandwidth Product
15.3
MHz
−3dB Frequency
A
V = +1
24
MHz
Φ
m
Phase Margin
56
deg
t
s
Settling Time (0.1%)
A
V = −1, VO = ±1V, RL = 500
Ω
270
ns
t
p
Propagation Delay
A
V = −2, VIN = ±1V, RL = 500
Ω
21
ns
HD2
2
nd Harmonic Distortion
F
IN = 1MHz (Note 10)
V
OUT =2VPP
−53
dBc
HD3
3rd Harmonic Distortion
F
IN = 1MHz (Note 10)
V
OUT =2VPP
−40
dBc
e
n
Input-Referred Voltage Noise
f = 10kHz
23
nV/
Note 1: Note 1: Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical
Characteristics.
Note 2: For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Large signal voltage gain is the total output swing divided by the input signal required to produce that swing.
Note 8: The open loop output current is guaranteed, by the measurement of the open loop output voltage swing.
Note 9: Slew Rate is the average of the raising and falling slew rates.
Note 10: Harmonics are measured with AV = +2 and RL = 100Ω and VIN =1VPP to give VOUT =2VPP.
Note 11: Continuous operation at these output currents will exceed the power dissipation ability of the device
Note 12: Power dissipation limits may be exceeded if all four amplifiers source or sink 75mA. Voltage across the output transistors and their output currents must
be taken into account to determine the power dissipation of the device
Note 13: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self heating where TJ > TA.
See applications section for information on temperature de-rating of this device.
Connection Diagram
14-Pin SOIC/TSSOP
20059202
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
14-Pin SOIC
LM6584MA
LM6584MA
95 Units/Rail
M14A
LM6584MAX
2.5k Units Tape and Reel
14-Pin TSSOP
LM6584MT
LM6584MT
95 Units/Rail
MTC14
LM6584MTX
2.5k Units Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com