Electronic Components Datasheet Search
  English  ▼

X  

PE6149 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6149
Description  50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6149 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6149 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6149 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6149 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz PE6149
URL: http://www.pasternack.com/1-watts-sma-male-rf-load-up-to-2.5-ghz-precision-pe6149-p.aspx
PE6149
PE6149 REV
50 Ohm 1 Watts Precision Brass SMA
Male RF Load Up To 2.5 GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com