Electronic Components Datasheet Search
  English  ▼

X  

PE6149 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6149
Description  50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6149 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6149 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6149 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6149 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
Configuration
RF Load Design
Precision
Connector
SMA Male
Heat Sink
Brass, Gold
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2.5
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
1
Mechanical Specifications
Size
Length, in [mm]
0.815 [20.7]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Gold
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
PE6149
PE6149 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz PE6149
50 Ohm 1 Watts Precision Brass SMA
Male RF Load Up To 2.5 GHz


Similar Part No. - PE6149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6149 PASTERNACK-PE6149 Datasheet
111Kb / 1P
SMA MALE TERMINATION FREQUENCY RANGE: DC TO 2,5GHz
More results

Similar Description - PE6149

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6180 PASTERNACK-PE6180 Datasheet
353Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
PE6158 PASTERNACK-PE6158_13 Datasheet
208Kb / 2P
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com