Electronic Components Datasheet Search
  English  ▼

X  

PE6156 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6156
Description  2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6156 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6156 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6156 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6156 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Gold
Insulation
Teflon
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
Housing
Brass
Nickel
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass PE6156
URL: http://www.pasternack.com/2-watts-bnc-male-rf-load-up-to-4-ghz-pe6156-p.aspx
PE6156
PE6156 REV 1.1
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 4 GHz With BNC
Male Input Nickel Plated Brass



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com