Electronic Components Datasheet Search
  English  ▼

X  

PE6156 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6156
Description  2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6156 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6156 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6156 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6156 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• DC to 4 GHz Frequency Range
• Return Loss -16 dB Max
• Max Power 2 Watt (CW)
• BNC Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6156 is an RF termination (also called RF load or dummy load) that operates from DC to 4 GHz and handles
up to 2 Watt (CW). Our BNC termination / load has a male gender. PE6156 BNC load termination offers -16 dB max return
loss.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
Return Loss
-16
dB
Input Power (CW)
2
Watts
.
Mechanical Specifications
Size
Length
0.84 in [21.34 mm]
Width
0.54 in [13.72 mm]
.
Weight
0.02 lbs [9.07 g]
.
Configuration
Connector
BNC Male
PE6156
PE6156 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass PE6156
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 4 GHz With BNC
Male Input Nickel Plated Brass


Similar Part No. - PE6156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6156 PASTERNACK-PE6156 Datasheet
78Kb / 1P
BNC MALE TERMINATION
More results

Similar Description - PE6156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1013 PASTERNACK-PE6TR1013 Datasheet
324Kb / 3P
2 Watt RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6076 PASTERNACK-PE6076_17 Datasheet
318Kb / 3P
2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6165 PASTERNACK-PE6165_15 Datasheet
321Kb / 3P
1 Watt RF Load Up To 1,000 MHz With 75 Ohm BNC Male Input Nickel Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com