Electronic Components Datasheet Search
  English  ▼

X  

PE6162 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6162
Description  0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6162 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6162 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
0.29 in [7.37 mm]
Width
0.13 in [3.3 mm]
.
Weight
0.006 lbs [2.72 g]
.
Configuration
Connector
Mini SMP Female
Connector Specification
MIL-STD-348
Durability
100 Cycles
Material Specifications
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold over Nickel
1.27µm min.
Insulation
PTFE
Body
Beryllium Copper
Gold over Nickel
0.8µm min.
Housing
Beryllium Copper
Gold over Nickel
0.8µm min.
.
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE6162
PE6162 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryl-
lium Copper PE6162
RF Terminations Technical Data Sheet
0.5 Watt RF Load Up to 40 GHz With Mini SMP
Female Input Gold over Nickel Plated Beryllium Copper



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com