Electronic Components Datasheet Search
  English  ▼

X  

PE6162 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6162
Description  0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6162 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6162 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 40 GHz Frequency Range
• VSWR 1.35:1 Max
• Max Power 0.5 Watt (CW)
• Mini SMP Female Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6162 is an RF termination (also called RF load or dummy load) that operates from DC to 40 GHz and handles
up to 0.5 Watt (CW). Our Mini SMP termination / load has a female gender. PE6162 Mini SMP load termination offers 1.35:1
max VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
VSWR
1.35:1
Input Power (CW)
0.5
Watts
derated linearly to 0W at +125°C
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 18
18 to 26.5
26.5 to 40
GHz
VSWR, Max
1.1:1
1.3:1
1.35:1
.
PE6162
PE6162 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryl-
lium Copper PE6162
RF Terminations Technical Data Sheet
0.5 Watt RF Load Up to 40 GHz With Mini SMP
Female Input Gold over Nickel Plated Beryllium Copper


Similar Part No. - PE6162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6162 PASTERNACK-PE6162 Datasheet
198Kb / 1P
MINI SMP FEMALE TERMINATION
More results

Similar Description - PE6162

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6182 PASTERNACK-PE6182 Datasheet
219Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 40 GHz
PE6183 PASTERNACK-PE6183 Datasheet
244Kb / 3P
50 Ohm 0.5 Watts Beryllium Copper SMP Female RF Load Up To 18 GHz
PE6184 PASTERNACK-PE6184 Datasheet
213Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper Mini SMP Female RF Load Up To 18 GHz
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6163 PASTERNACK-PE6163_16 Datasheet
418Kb / 3P
0.5 Watt RF Load Up to 40 GHz With Mini SMP Male Input Gold Plated Beryllium Copper
PE6181 PASTERNACK-PE6181_17 Datasheet
354Kb / 3P
SMP Female Input Gold Plated Beryllium Copper
PE6182 PASTERNACK-PE6182_16 Datasheet
423Kb / 3P
Mini SMP Female Input Gold Plated Beryllium Copper
PE6183 PASTERNACK-PE6183_16 Datasheet
421Kb / 3P
0.5 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Beryllium Copper
PE6184 PASTERNACK-PE6184_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 18 GHz With Mini SMP Female Input Gold Plated Beryllium Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com