Electronic Components Datasheet Search
  English  ▼

X  

IRHM9150 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHM9150
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9150 Datasheet(HTML) 5 Page - International Rectifier

  IRHM9150 Datasheet HTML 1Page - International Rectifier IRHM9150 Datasheet HTML 2Page - International Rectifier IRHM9150 Datasheet HTML 3Page - International Rectifier IRHM9150 Datasheet HTML 4Page - International Rectifier IRHM9150 Datasheet HTML 5Page - International Rectifier IRHM9150 Datasheet HTML 6Page - International Rectifier IRHM9150 Datasheet HTML 7Page - International Rectifier IRHM9150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHM9150
Fig8. MaximumSafeOperatingArea
Fig6. TypicalGateChargeVs.
Gate-to-SourceVoltage
Fig5. TypicalCapacitanceVs.
Drain-to-SourceVoltage
Fig7. TypicalSource-DrainDiode
ForwardVoltage
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
-V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss
0
40
80
120
160
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-22A

V
= -20V
DS
V
= -50V
DS
V
= -80V
DS
1
10
100
0.0
1.0
2.0
3.0
4.0
-V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
1
10
100
1000
1
10
100
1000

OPERATION IN THIS AREA LIMITED
BY RDS(on)

Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS

100us

1ms

10ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com