Electronic Components Datasheet Search
  English  ▼

X  

IRHM9150 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHM9150
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9150 Datasheet(HTML) 6 Page - International Rectifier

  IRHM9150 Datasheet HTML 1Page - International Rectifier IRHM9150 Datasheet HTML 2Page - International Rectifier IRHM9150 Datasheet HTML 3Page - International Rectifier IRHM9150 Datasheet HTML 4Page - International Rectifier IRHM9150 Datasheet HTML 5Page - International Rectifier IRHM9150 Datasheet HTML 6Page - International Rectifier IRHM9150 Datasheet HTML 7Page - International Rectifier IRHM9150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRHM9150
Pre-Irradiation
6
www.irf.com
Fig11. MaximumEffectiveTransientThermalImpedance,Junction-to-Case
Fig9. MaximumDrainCurrentVs.
CaseTemperature
Fig 10a. Switching Time Test Circuit
Fig10b. SwitchingTimeWaveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
25
50
75
100
125
150
0
4
8
12
16
20
24
T , Case Temperature ( C)
°
C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com